Part Number Hot Search : 
C5750X7 NJM2516 PMF100CA HMC783 0N06S 78070AY M5L2764K UHE1A272
Product Description
Full Text Search
 

To Download XDL20-11-180S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 544-2414 +44 2392-232392 model XDL20-11-180S rev. a delay line description __________ the XDL20-11-180S is a surface mount delay line that uses a slow wave coupling structure that maximizes t he amount of delay per unit area over other distributed delay structures. the XDL20-11-180S can be used in amplifier linearization applications from 869?894 mhz. the XDL20-11-180S is ideal for use in the main loop of feed forward and in pre-distortion amplifiers. the xinger? delay lines are a low cost, high quality alternative to the traditional coaxial and filter solutions presently available. parts have been subjected to rigorous qualification testing and units are 100% tested. produced with 6 of 6 rohs compliant tin immersion. electrical specifications features: 869-894 frequency (mhz.) amps band mean delay (ns) 11.25 0.20 deviation from linear phase (degrees max) 0.50 amplitude flatness (db p-p) 0.15 return loss (db min) 20 insertion loss (db/ns) 0.40 insertion phase (degrees) -10 30.0 power handling (watts) 1 jc (c/watts) 4.5 ? production friendly ? consistent delay ? stable over temperature ? surface mountable ? available in tape & reel ? non-lead solder paste compatible ? 100% tested ? lead free -55 to +85 operating temp. (c) specification based on performance of unit properly inst alled on microstrip printed circuit boards with 50 nominal impedance. specifications subject to change without notice. mechanical outline 2x .408 .004 [10.37 0.10 ] 1.000 .010 [25.40 0.25 ] 1.000 .010 [25.40 0.25 ] 2x .045 .004 [1.15 0.10 ] .873 .004 [22.17 0.10 ] .848 .004 [21.54 0.10 ] 5x .037 .004 [0.94 0.10 ] .081 .004 [2.05 0.10 ] 2x .070 .004 sq [1.78 0.10 ] r.041 [r1.05] 2x r.055 [r1.38] hot via gnd orientation marker denotes pin 1 .176 .035 [4.48 0.89 ] denotes array number .013 .004 [0.32 0.10 ] pin 2 pin 1 gnd top view (near-side) side view bottom view (far-side) dimensions are in inches [millimeters] XDL20-11-180S mechanical outline tolerances are non-cumulative 2x .045 .004 [1.15 0.10 ] 3x hot via
model XDL20-11-180S rev. a usa/canada: toll free: europe: (315) 432-8909 (800) 544-2414 +44 2392-232392 available on tape and reel for pick and place manufacturing. typical performance: 600 mhz. to 1200 mhz. insertion loss -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 600 700 800 900 1000 1100 1200 frequency [mhz] insertion loss [db] return loss -60 -50 -40 -30 -20 -10 0 600 700 800 900 1000 1100 1200 frequency [mhz] return loss [mhz] average delay: the average delay is defined as the group delay of the input signal through the delay line. the lot-to-lot variation is reflected in the plus/minus tolerance given in specifications. refer to anaren application note aan-232 fo r further information on xinger delay lines. mounting guidelines: in order for xinger surface mount delay lines to work optimally, there must be 50 transmission lines leading to and from all of the rf ports. also, there must be a very good ground plane under the part with a number of plated thru holes to ensure proper electrical performance. if any of these conditions are not satisfied, insertion loss, average delay and vswr may not meet published specifications. to ensure proper electrical and thermal performance there must be a ground plane with 100% solder connection underneath the part .889 [22.58] .400 [10.15] .089 [2.27] .013 [0.34] 3x .037 [0.94] 2x .062 [1.59] 2x .020 [0.52] 4x .062 [1.57] 2x .076 sq [1.93] .848 [21.54] 2x 50? transmission line 2x .037 [0.94] .869 [22.06] 2x r.058 r.045 dimensions are in inches [millimeters] XDL20-11-180S mounting footprint multiple plated thru holes to ground when a surface mount delay line is mounted to a printed circuit board (pcb), the primary concerns are; insuring the rf pads of the device are in contact with the circuit trace of the pcb and the ground plane of neither the component nor the pcb are in contact with the rf signal. an example of how the pcb footprint could look is shown below. in particular designs, the 50 lines need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 544-2414 +44 2392-232392 model XDL20-11-180S rev. a carrier tape _ parts are oriented in em bossed tape as shown below orientation marker reel b ?a ?c reel dimensions (inches [mm]) ?a b ?c 1.732 [44.0] 7.0 [177.8] 13.0 [330.2] 250 quantity/reel table 1 ?d 0.512 [13.0] ?d ? parts are available in both reel and tube ? quantity of 19 parts available per tube


▲Up To Search▲   

 
Price & Availability of XDL20-11-180S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X